PART |
Description |
Maker |
MN101E02H |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C67D MN101C67G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C70C MN101C70G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101D03D |
Microcomputer - 8bit - General Purpose From old datasheet system
|
Panasonic
|
MN101C61G MN101C61D MN101C61 |
Microcomputer - 8bit - General Purpose Timer counter 0 : 8-bit X 1
|
PANASONIC[Panasonic Semiconductor]
|
MN101C47 MN101C47C MN101C47D |
Microcomputer - 8bit - General Purpose From old datasheet system Remote control input discriminant circuit built-in
|
Panasonic Semiconductor http://
|
MN103SF92GBL MN103S927 MN103S92A |
MICROCOMPUTER LSI 32-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP64 Microcomputer - 32bit - General Purpose
|
Panasonic, Corp. Panasonic Semiconductor
|
MN101C35D MN101C35 |
Microcomputer - 8bit - General Purpose The lower limit for operation guarantee for EPROM built-in type is 2.7 V From old datasheet system Lower limit for operation guarantee for EPROM built-in is 2.7V
|
Panasonic Semiconductor Matsushita Electric Panasonic Corporation
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
MN103E010H MN103E010HRA MN103E040HYB |
Microcomputer - 32bit - General Purpose Microcomputers/Controllers
|
Panasonic Matsushita Electric Works(Nais)
|